Part Number Hot Search : 
S80C32 UM10512 1058211 A100MF GFC9230 G3U7805 C1472 GFC9230
Product Description
Full Text Search
 

To Download 1N828-1-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N821 thru 1N829A-1 DO-7 6.2 & 6.55 Volt Temperature Compensated Zener Reference Diodes
SCOTTSDALE DIVISION
DESCRIPTION The popular 1N821 thru 1N829 series of Zero-TC Reference Diodes provides a selection of both 6.2 V and 6.55 V nominal voltages and temperature coefficients to as low as 0.0005%/oC for minimal voltage change with temperature when operated at 7.5 mA. These glass axialleaded DO-7 reference diodes are also available in JAN, JANTX, JANTXV, and JANS military qualifications. Microsemi also offers numerous other Zener Reference Diode products for a variety of other voltages up to 200 V.
APPEARANCE
WWW . Microsemi .C OM
DO-7 (DO-204AA)
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
FEATURES
* * * * * JEDEC registered 1N821 thru 1N829 series Internal metallurgical bonds Double anode option with 1N822 and 1N824 selection Reference voltage selection of 6.2 V & 6.55 V +/-5% with further tight tolerance options at nominal of 6.35 V 1N821, 823, 825, 827 and 829 also have military qualification to MIL-PRF-19500/159 up to the JANS level by adding JAN, JANTX, JANTXV, or JANS prefixes to part numbers as well as the "-1" suffix, e.g. JANTX1N829-1, etc. Radiation Hardened devices available by changing "1N" prefix to "RH", e.g. RH827, RH 829, RH829A, etc. Also consult factory for "RH" data sheet brochure Military surface mount equivalents also available in DO-213AA with UR-1 suffix and JAN, JANTX, or JANTXV prefix, e.g. JANTX1N829UR-1 (see separate data sheet) Also available in smaller axial-leaded DO-35 package (see separate data sheet)
APPLICATIONS / BENEFITS
* Provides minimal voltage changes over a broad temperature range * For instrumentation and other circuit designs requiring a stable voltage reference * Maximum temperature coefficient selections available from 0.01%/C to 0.0005%/C * Tight voltage tolerances with nominal reference voltages of 6.35 V available by adding tolerance 1%, 2%, 3%, etc. after the part number for identification e.g. 1N827-2%, 1N829A -1%, 1N8291-1%, etc. * Flexible axial-lead mounting terminals * Nonsensitive to ESD per MIL-STD-750 Method 1020
*
*
*
MAXIMUM RATINGS
* Operating & StorageTemperature: -65 C to +175 C * DC Power Dissipation: 500 mW @ TL = 25oC and maximum current IZM of 70 mA. NOTE: For optimum voltage-temperature stability, IZ = 7.5 mA (less than 50 mW in dissipated power) * Solder temperatures: 260 oC for 10 s (maximum)
o o
MECHANICAL AND PACKAGING
* CASE: Hermetically sealed glass case with DO-7 (DO-204AA) package * TERMINALS: Tin-lead plated and solderable per MIL-STD-750, Method 2026 * MARKING: Part number and cathode band (except double anode 1N822 and 1N824) * POLARITY: Reference diode to be operated with the banded end positive with respect to the opposite end * TAPE & REEL option: Standard per EIA-296 (add "TR" suffix to part number) * WEIGHT: 0.2 grams. * See package dimensions on last page
1N821--1N829A-1
Copyright 2003 10-27-2003 REV C
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1N821 thru 1N829A-1 DO-7 6.2 & 6.55 Volt Temperature Compensated Zener Reference Diodes
SCOTTSDALE DIVISION
*ELECTRICAL CHARACTERISTICS @ 25oC, unless otherwise specified
ZENER VOLTAGE (Note 1 and 4) VZ @ IZT ZENER TEST CURRENT IZT MAXIMUM ZENER IMPEDANCE (Note 2) ZZT @ IZT MAXIMUM REVERSE CURRENT IR @ 3 V VOLTAGE TEMPERATURE STABILITY (VZT MAX) o o -55 C to +100 C (Note 3 and 4) EFFECTIVE TEMPERATURE COEFFICIENT
WWW . Microsemi .C OM
JEDEC TYPE NUMBER (Note 1, 5 & 6)
VZ %/ C
0.01 0.01 0.01 0.005 0.005 0.005 0.002 0.002 0.002 0.001 0.001 0.001 0.0005 0.0005
o
VOLTS
1N821 1N821A 1N822 1N823 1N823A 1N824 1N825 1N825A 1N826 1N827 1N827A 1N828 1N829 1N829A 5.9 - 6.5 5.9 - 6.5 5.9 - 6.5 5.9 - 6.5 5.9 - 6.5 5.9 - 6.5 5.9 - 6.5 5.9 - 6.5 6.2 - 6.9 5.9 - 6.5 5.9 - 6.5 6.2 - 6.9 5.9 - 6.5 5.9 - 6.5
mA
7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5
OHMS
15 10 15 15 10 15 15 10 15 15 10 15 15 10
A
2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
mV
96 96 96 48 48 48 19 19 20 9 9 10 5 5
*JEDEC Registered Data. Double Anode; electrical specifications apply under both bias polarities.
1. 2. 3. 4. 5. 6. NOTES: Add a "-1" suffix for internal metallurgical bond. When ordering devices with tighter tolerances than specified for the VZ voltage nominal of 6.35 V, add a hyphened suffix to the part number for desired tolerance, e.g. 1N827-1-2%, 1N829-1-1%, 1N829A-1%, 1N829A-1-1%, etc. o Zener impedance measured by superimposing 0.75 mA ac rms on 7.5 mA dc @ 25 C. The maximum allowable change observed over the entire temperature range i.e., the diode voltage will not exceed the specified mV change at discrete temperature between the established limits. Voltage measurements to be performed 15 seconds after application of dc current. 1N821, 1N823, 1N825, 1N827, and 1N829 also have qualification to MIL-PRF-19500/159 by adding the JAN, JANTX, JANTXV, or
JANS prefix to part numbers as well as the "-1" suffix; e.g. JANTX1N827-1, JANTXV1N829-1, etc.
Designate Radiation Hardened devices with "RH" prefix instead of "1N", e.g. RH829A instead of 1N829A.
GRAPHS
Change in temperature coefficient (%/ C)
The curve shown in Figure 1 is typical of the diode series and greatly simplifies the estimation of the Temperature Coefficient (TC) when the diode is operated at currents other than 7.5mA. EXAMPLE: A diode in this series is operated at a current of 7.5mA and has specified Temperature Coefficient (TC) limits of o +/-0.005%/ C. To obtain the typical Temperature Coefficient limits for this same diode operated at a current of 6.0mA, the o new TC limits (%/ C) can be estimated using the graph in FIGURE 1. At a test current of 6.0mA the change in Temperature Coefficient o (TC) is approximately -0.0006%. C. The algebraic sum of +/o o 0.005% C and -0.0006%/ C gives the estimated limits of o o +0.0044%/ C and -0.0056%/ C.
Change in temperature coefficient (mV/ C)
o
o
1N821--1N829A-1
FIGURE 1 TYPICAL CHANGE OF TEMPERATURE COEFFICIENT WITH CHANGE IN OPERATING CURRENT.
Copyright 2003 10-27-2003 REV C
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
1N821 thru 1N829A-1 DO-7 6.2 & 6.55 Volt Temperature Compensated Zener Reference Diodes
SCOTTSDALE DIVISION
WWW . Microsemi .C OM
VZ - Change in Zener Voltage (mV)
This curve in Figure 2 illustrates the change of diode voltage arising from the effect of impedance. It is in effect an exploded view of the zener operating region of the I-V characteristic. In conjunction with Figure 1, this curve can be used to estimate total voltage regulation under conditions of both varying temperature and current.
FIGURE 2 TYPICAL CHANGE OF ZENER VOLTAGE WITH CHANGE IN OPERATING CURRENT DIMENSIONS
IZ - Operating Current (mA)
All dimensions in INCH mm
1N821--1N829A-1
Copyright 2003 10-27-2003 REV C
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3


▲Up To Search▲   

 
Price & Availability of 1N828-1-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X